PART |
Description |
Maker |
D44H10 D45H11 D44H8 D45H8 D44H D45H10 D44H11 ON027 |
10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80 VOLTS Card Edge Connector; No. of Contacts:24; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:Yes; Mounting Hole Dia:0.128" RoHS Compliant: Yes 10 A, 80 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON POWER TRANSISTORS 10 A, 80 V, PNP, Si, POWER TRANSISTOR, TO-220AB 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60/ 80 VOLTS 10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 80 VOLTS From old datasheet system
|
Motorola Inc ONSEMI[ON Semiconductor] MOTOROLA[Motorola Inc] http://
|
CMBT3904E10 CMBT3906E CMBT3904E-15 |
ENHANCED SPECIFICATION SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS COMPLEMENTARY FEMTOminiTM SILICON TRANSISTORS
|
Central Semiconductor Corp Central Semiconductor C...
|
NTE275 NTE274 |
Silicon complementary PNP transistor. Darlington power apmlifier, switch. Silicon Complementary Transistors Darlington Power Amplifier, Switch
|
NTE[NTE Electronics]
|
BDX53B BD53C BDX54C ON0205 BDX53C BDX54B |
From old datasheet system 8 AMPERE POWER TRANSISTORS Plastic Medium-Power Complementary Silicon Transistors DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
|
Motorola Inc MOTOROLA[Motorola Inc] Motorola, Inc ON Semiconductor
|
BD778 BD776 BD777 |
Plastic Darlington Complementary Silicon Power Transistors DARLINGTON 4-AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 45/ 60/ 80 VOLTS 15 WATTS
|
Motorola Inc MOTOROLA[Motorola, Inc] ON Semiconductor
|
MJF3055 MJF2955 ON2047 |
COMPLEMENTARY SILICON POWER TRANSISTORS From old datasheet system COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
NTE262 NTE261 |
Silicon complementary PNP transistor. Darlington power amplifier. Silicon Complementary Transistors Darlington Power Amplifier
|
NTE[NTE Electronics]
|
UN-231OP-08 UN-231OP-04 UN-231OP-05 UN-231OP-09 UN |
KIT FOR UN-231 FILTER FOR UN-231 Inhalt pro Packung: 5 Stk. Complementary silicon PNP transistors Complementary silicon power transistors FACE MASK FOR UN-231 口罩对于UN - 231 MEDICATION CUPS UN-231 Inhalt pro Packung: 10 Stk. 用药CUPS的联合国231 Inhalt亲Packung0沙头角
|
Vicor, Corp.
|
MJH6284 MJH6287 MJH6282 MJH6283 MJH6285 MJH6286 |
Supplementary protector; Current Rating:25A; No. of Poles:2; Mounting Type:DIN Rail RoHS Compliant: Yes DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60 / 80 / 100 VOLTS 160 WATTS DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
2N6473 2N6474 2N6476 2N6475 |
COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 120 V, NPN, Si, POWER TRANSISTOR, TO-220AB COMPLEMENTARY SILICON SWITCHING TRANSITORS 4 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CTLT3410-M62111 CTLT7410-M621 CTLT3410-M621-15 |
SURFACE MOUNT COMPLEMENTARY SURFACE MOUNT COMPLEMENTARY SILICON TRANSISTORS
|
Central Semiconductor Corp Central Semiconductor C...
|